Part Number Hot Search : 
AL5DA005 MMSZ524 UC1103 D6102G UF16C01C S1C17601 M74HC10 11800
Product Description
Full Text Search
 

To Download 0082266816 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 03/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0082266816 Active
1.27mm (.050") Pitch Round Conductor Flat Cable - 26 AWG (7 x 34) Stranded Tinned, 16 Circuits, Reel 30.48m (100.0' ) Length Series RoHS Certificate of Compliance (PDF) image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: Yes Anthracene 4,4'Diaminodiphenylmethane Dibutyl phthalate Cobalt dichloride Diarsenic pentaoxide Diarsenic trioxide Sodium dichromate 5-tert-butyl-2,4,6trinitro-m-xylene Bis (2ethyl(hexyl)phthalate) (DEHP) Hexabromocyclododecane (HBCDD) Alkanes, C10-13, chloro (Shrt Chn Cl Prfns) Bis(tributyltin)oxide Lead hydrogen arsenate Triethyl arsenate Benzyl butyl phthalate Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Documents: Drawing (PDF)
Agency Certification
CSA UL LR61126 E61522
General
Product Family Series Crimp Quality Equipment Geographic Area Product Name Cable 8863 Yes Asia Ribbon
Physical
Cable Length Circuits (Loaded) Insulation Packaging Type Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Temperature Range - Operating Wire Size AWG Wire/Cable Type 30.48m (100.0' ) 16 PVC Reel 0.050 In 1.27 mm -20C to +105C 26 (7x34) Stranded, Tinned
Electrical
Current - Maximum per Contact Voltage - Maximum N/A 300V
Material Info
Old Part Number 8863-16-100B
Reference - Drawing Numbers
Sales Drawing SD-8863-001
Search Parts in this Series 8863Series Use With 70121 MX-50TM Slimline Ribbon Cable. 90584 Picoflex(R) PF-50 IDT Receptacle
This document was generated on 03/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0082266816

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X